Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 141 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 141 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 137Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 138Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 139Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 140Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 142Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 143Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 144Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 145Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 332 page
background image
Chapter 5
Signal Descriptions
123
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.45
STPCLK# (Stop Clock)
Pin Attribute
Input, Internal Pullup
Pin Location
V-34
Summary
The assertion of STPCLK# causes the processor to enter the
Stop Grant state, during which the processor’s internal clock is
stopped. From the Stop G rant state, the processor can
subsequently transition to the Stop Clock state, in which the
bus clock CLK is stopped. Upon recognizing STPCLK#, the
processor performs the following actions, in the order shown:
1. Flushes its instruction pipelines
2. Completes all pending and in-progress bus cycles
3. Acknowledges the STPCLK# assertion by executing a Stop
Grant special bus cycle (see Table 23 on page 132)
4. Stops its internal clock after BRDY# of the Stop Grant
special bus cycle is sampled asserted and after EWBE# is
sampled asserted (if EWBE# is masked off, then entry into
the Stop Grant state is not affected by EWBE#)
5. Enters the Stop Clock state if the system logic stops the bus
clock CLK (optional)
See “Clock Control States” on page 247 for more details
regarding clock control.
Sampled
STPCLK# is sampled as a level-sensitive input on every clock
edge but is not recognized until the next instruction boundary.
System logic can drive the signal either synchronously or
asynchronously. If it is asserted asynchronously, it must be
asserted for a minimum pulse width of two clocks.
STPCLK# must remain asserted until recognized, which is
indicated by the completion of the Stop Grant special cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com