Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 142Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 143Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 144Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 145Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 146Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 147Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 148Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 332 page
background image
Chapter 5
Signal Descriptions
127
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.52
VCC2H/L# (VCC2 High/Low)
Pin Attribute
Output
Pin Location
AN-05
Summary
VCC2H/L# is internally tied to VSS (logic level 0) to indicate to
the system logic that it must supply the specified processor core
voltage to the VCC2 pins. The VCC2 pins supply voltage to the
processor core, independent of the voltage supplied to the I/O
buffers on the VCC3 pins.
Upon sampling VCC2DET Low to identify dual-voltage
processor requirements, system logic should sample VCC2H/L#
to identify the core voltage requirements for 2.9 V and 3.2 V
products (High) or 2.4 V, 2.2 V, and 1.9 V products (Low).
Driven
VCC2H/L# always equals 0 and is never floated for 2.4 V, 2.2 V,
and 1.9 V products—even during the three-state test mode. To
ensure proper operation for 2.9 V and 3.2 V products, system
logic that samples VCC2H/L# should design a weak pullup
resistor for this signal.
The output pin float conditions for VCC2DET and VCC2H/L#
are listed in Table 17.
Table 17. Output Pin Float Conditions
Name
Floated At:
VCC2DET1
Notes:
1. All outputs except VCC2DET, VCC2H/L#, and TDO float during the three-state test mode.
Always Driven
VCC2H/L#
Always Driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com