Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 148 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 148 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 144Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 145Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 146Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 147Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 148Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 149Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 150Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 151Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 152Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 332 page
background image
130
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.55
Pin Tables by Type
Table 18. Input Pin Types
Name
Type
Name
Type
A20M#1
Notes:
1. These level-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup
and hold times must be met. If asserted asynchronously, they must be asserted for a minimum pulse width of two clocks.
Asynchronous
IGNNE#1
Asynchronous
AHOLD
Synchronous
INIT2
2. These edge-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup
and hold times must be met. If asserted asynchronously, they must have been negated at least two clocks prior to assertion and
must remain asserted at least two clocks.
Asynchronous
BF[2:0]3
3. BF[2:0] are sampled during the falling transition of RESET. They must meet a minimum setup time of 1.0 ms and a minimum
hold time of two clocks relative to the negation of RESET.
Synchronous
INTR1
Asynchronous
BOFF#
Synchronous
INV
Synchronous
BRDY#
Synchronous
KEN#
Synchronous
BRDYC#
Synchronous
NA#
Synchronous
CLK
Clock
NMI2
Asynchronous
EADS#
Synchronous
RESET4,5
4. During the initial power-on reset of the processor, RESET must remain asserted for a minimum of 1.0 ms after CLK and VCC
reach specification before it is negated.
5. During a warm reset, while CLK and VCC are within their specification, RESET must remain asserted for a minimum of 15 clocks
prior to its negation.
Asynchronous
EWBE#6
6. When EFER[3] is 1, EWBE# is ignored by the processor.
Synchronous
SMI#2
Asynchronous
FLUSH#2,7
7. FLUSH# is also sampled during the falling transition of RESET and can be asserted synchronously or asynchronously. To be
sampled on a specific clock edge, setup and hold times must be met relative to the clock edge before the clock edge on which
RESET is sampled negated. If asserted asynchronously, FLUSH# must meet a minimum setup and hold time of two clocks
relative to the negation of RESET.
Asynchronous
STPCLK#1
Asynchronous
HOLD
Synchronous
WB/WT#
Synchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com