Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 149 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 149 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 145Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 146Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 147Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 148Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 149Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 150Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 151Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 152Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 153Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 332 page
background image
Chapter 5
Signal Descriptions
131
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 19. Output Pin Float Conditions
Name
Floated At:1
Name
Floated At:1
A[4:3]2,3
HLDA, AHOLD, BOFF#
HLDA
Always Driven
ADS#2
HLDA, BOFF#
LOCK#2
HLDA, BOFF#
ADSC#2
HLDA, BOFF#
M/IO#2
HLDA, BOFF#
APCHK#
Always Driven
PCD2
HLDA, BOFF#
BE[7:0]#2
HLDA, BOFF#
PCHK#
Always Driven
BREQ
Always Driven
PWT2
HLDA, BOFF#
CACHE#2
HLDA, BOFF#
SCYC2
HLDA, BOFF#
D/C#2
HLDA, BOFF#
SMIACT#
Always Driven
FERR#
Always Driven
VCC2DET
Always Driven
HIT#
Always Driven
VCC2H/L#
Always Driven
HITM#
Always Driven
W/R#2
HLDA, BOFF#
Notes:
1. All outputs except VCC2DET, VCC2H/L#, and TDO float during three-state test mode.
2. Floated off the clock edge that BOFF# is sampled asserted and off the clock edge that HLDA is asserted.
3. Floated off the clock edge that AHOLD is sampled asserted.
Table 20. Input/Output Pin Float Conditions
Name
Floated At:1
Notes:
1. All outputs except VCC2DET and TDO float during three-state test mode.
A[31:5]2,3
2. Floated off the clock edge that BOFF# is sampled asserted and off the clock edge that
HLDA is asserted.
3. Floated off the clock edge that AHOLD is sampled asserted.
HLDA, AHOLD, BOFF#
AP2,3
HLDA, AHOLD, BOFF#
D[63:0]2
HLDA, BOFF#
DP[7:0]2
HLDA, BOFF#
Table 21. Test Pins
Name
Type
Comment
TCK
Clock
TDI
Input
Sampled on the rising edge of TCK
TDO
Output
Driven on the falling edge of TCK
TMS
Input
Sampled on the rising edge of TCK
TRST#
Input
Asynchronous (Independent of TCK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com