Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 212 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 212 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 208Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 209Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 210Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 211Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 212Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 213Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 214Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 215Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 216Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 332 page
background image
194
Cache Organization
Chapter 8
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Write Handling Control Register (WHCR) . Th e
W H C R
re gi s t er
contains two fields —the Write Allo cate Enab le Limit
(WAELIM) field, and the Write Allocate Enable 15-to-16-Mbyte
(WAE15M) bit (see Figure 76).
Figure 76. Write Handling Control Register (WHCR)
Write Allocate Enable Limit Field. The WAELIM field is 10 bits wide.
This field, multiplied by 4 Mbytes, defines an upper memory
limit. Any pending write cycle that addresses memory below
this limit causes the processor to perform a write allocate
(assuming the address is not within a range where write
allocates are disallowed). Write allocate is disabled for memory
accesses at and above this limit unless the processor determines
a pending write cycle is cacheable by means of one of the other
write allocate mechanisms —“Write to a Cacheable Page” and
“Write to a Sector.” The maximum value of this limit is ((210–1)
· 4 Mbytes) = 4092 Mbytes. When all the bits in this field are 0,
all memory is above this limit and the write allocate mechanism
is disabled (even if all bits in the WAELIM field are 0, write
allocates can still occur due to the “Write to a Cacheable Page”
and “Write to a Sector” mechanisms).
Write Allocate Enable 15-to-16-Mbyte Bit. The Write Allocate Enable
15 -t o-16-Mbyte (WAE 15M ) bi t is us ed to enab l e wri t e
allocations for the memory write cycles that address the 1
Mbyte of memory between 15 Mbytes and 16 Mbytes. This bit
must be set to 1 to allow write allocate in this memory area. This
bit is provided to account for a small number of uncommon
memory-mapped I/O adapters that use this particular memory
address space. If the system contains one of these peripherals,
the bit should be written to 0 (even if the WAE15M bit is 0,
15
22
0
63
WAELIM
16
Note: Hardware RESET initializes this MSR to all zeros.
W
A
E
1
5
M
Symbol
Description
Bits
WAELIM
Write Allocate Enable Limit
31-22
WAE15M
Write Allocate Enable 15-to-16-Mbyte 16
17
21
31
32
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com