Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 237 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 237 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 233Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 234Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 235Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 236Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 237Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 238Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 239Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 240Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 241Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 332 page
background image
Chapter 11
System Management Mode (SMM)
219
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 40 shows the initial state of registers when entering SMM.
11.2
SMM State-Save Area
When the processor acknowledges an SMI# interrupt by
asserting SMIACT#, it saves its state in a 512-byte SMM
state-save area shown in Table 41. The save begins at the top of
the SMM memory area (SMM base address + FFFFh) and fills
down to SMM base address + FE00h.
Table 41 shows the offsets in the SMM state-save area relative
to the SMM base address. The SMM service routine can alter
any of the read/write values in the state-save area.
Table 40. Initial State of Registers in System Management Mode (SMM)
Register
SMM Initial State
General-Purpose Registers
Unmodified
EFLAGs
0000_0002h
CR0
PE, EM, TS, and PG are cleared (bits 0, 2, 3, and 31).
The other bits are unmodified.
DR7
0000_0400h
GDTR, LDTR, IDTR, TSSR, DR6 Unmodified
EIP
0000_8000h
CS
0003_0000h
DS, ES, FS, GS, SS
0000_0000h
Table 41. SMM State-Save Area Map
Address Offset
Contents Saved
FFFCh
CR0
FFF8h
CR3
FFF4h
EFLAGS
FFF0h
EIP
FFECh
EDI
FFE8h
ESI
FFE4h
EBP
FFE0h
ESP
FFDCh
EBX
FFD8h
EDX
FFD4h
ECX
FFD0h
EAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com