Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 240 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 240 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 236Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 237Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 238Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 239Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 240Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 241Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 242Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 244Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 332 page
background image
222
System Management Mode (SMM)
Chapter 11
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Table 42 shows the format of the SMM revision identifier.
11.4
SMM Base Address
During RESET, the processor sets the base address of the
code-segment (CS) for the SMM memory area—the SMM base
address—to its default, 0003_0000h. The SMM base address at
offset FEF8h in the SMM state-save area can be changed by the
SMM service routine to any address that is aligned to a
32-Kbyte boundary. (Locations not aligned to a 32-Kbyte
boundary cause the processor to enter the Shutdown state when
executing the RSM instruction.)
In some operating environments it may be desirable to relocate
the 64-Kbyte SMM memory area to a high memory area in order
to provide more low memory for legacy software. During system
initialization, the base of the 64-Kbyte SMM memory area is
relocated by the BIOS. To relocate the SMM base address, the
system enters the SMM handler at the default address. This
handler changes the SMM base address location in the SMM
state-save area, copies the SMM handler to the new location,
and exits SMM.
The next time SMM is entered, the processor saves its state at
the new base address. This new address is used for every SMM
entry until the SMM base address in the SMM state-save area is
changed or a hardware reset occurs.
11.5
Halt Restart Slot
During entry into SMM, the halt restart slot at offset FF02h in
the SMM state-save area indicates if SMM was entered from the
Halt state. Before returning from SMM, the halt restart slot
(offset FF02h) can be written to by the SMM service routine to
specify whether the return from SMM takes the processor back
to the Halt state or to the next instruction after the HLT
instruction.
Table 42. SMM Revision Identifier
31–18
17
16
15–0
Reserved
SMM Base Relocation
I/O Trap Extension
SMM Revision Level
0
1
1
0002h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com