Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 248 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 248 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 247Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 248Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 249Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 250Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 251Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 252Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 332 page
background image
230
Test and Debug
Chapter 12
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
TAP Signals
The test signals associated with the TAP controller are as
follows:
s
TCK—The Test Clock for all TAP operations. The rising
edge of TCK is used for sampling TAP signals, and the
falling edge of TCK is used for asserting TAP signals. The
state of the TMS signal sampled on the rising edge of TCK
causes the state transitions of the TAP controller to occur.
TCK can be stopped in the logic 0 or 1 state.
s
TDI—The Test Data Input represents the input to the most
significant bit of all TAP registers, including the IR and all
test data registers. Test data and instructions are serially
shifted by one bit into their respective registers on the rising
edge of TCK.
s
TDO—The Test Data Output represents the output of the
least significant bit of all TAP registers, including the IR and
all test data registers. Test data and instructions are serially
shifted by one bit out of their respective registers on the
falling edge of TCK.
s
TMS—The Test Mode Select input specifies the test
function and sequence of state changes for boundary-scan
testing. If TMS is sampled High for five or more consecutive
clocks, the TAP controller enters its reset state.
s
TRST#—The Test Reset signal is an asynchronous reset that
unconditionally causes the TAP controller to enter its reset
state.
Refer to “Electrical Data” on page 253 and “Signal Switching
Charac t e rist ic s” on pa ge 26 7 t o obta in t he ele ct r ic al
specifications of the test signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com