Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 247 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 247 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 247Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 248Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 249Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 250Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 251Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 332 page
background image
Chapter 12
Test and Debug
229
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
12.3
Boundary-Scan Test Access Port (TAP)
The boundary-scan Test Access Port (TAP) is an IEEE standard
that defines synchronous scanning test methods for complex
logic circuits, such as boards containing a processor. The
AMD-K6-2E processor supports the TAP standard defined in
th e I EEE Standard Te st Acces s Po rt and Bo undary-Scan
Architecture (IEEE 1149.1-1990) specification.
Boundary scan testing uses a shift register consisting of the
serial interconnection of boundary-scan cells that correspond to
each I/O buffer of the processor. This non-inverting register
chain, called a Boundary Scan register (BSR), can be used to
capture the state of every processor pin and to drive every
processor output and bidirectional pin to a known state.
Each BSR of every component on a board that implements the
boundary-scan architecture can be serially interconnected to
enable component interconnect testing.
Test Access Port
The Test Access Port (TAP) consists of the following:
s
Test Access Port (TAP) Controller—The TAP controller is a
synchronous, finite state machine that uses the TMS and
TDI input signals to control a sequence of test operations.
See “TAP Controller State Machine” on page 236 for a list
of TAP states and their definition.
s
Instruction Register (IR)—The IR contains the instructions
that select the test operation to be performed and the Test
Data Register (TDR) to be selected. See “TAP Registers” on
page 231 for more details on the IR.
s
Test Data Registers (TDR)—The three TDRs are used to
process the test data. Each TDR is selected by an
instruction in the Instruction Register (IR). See “TAP
Registers” on page 231 for a list of these registers and their
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com