Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 263 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 263 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 259Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 260Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 261Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 262Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 263Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 264Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 265Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 267Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 332 page
background image
Chapter 12
Test and Debug
245
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
The LE (bit 8) and GE (bit 9) bits in DR7 have no effect on the
operation of the processor and are provided to be software-
compatible with previous generations of x86 processors.
When set to 1, the GD bit in DR7 (bit 13) enables the debug
exception associated with the BD bit (bit 13) in DR6. This bit is
cleared to 0 when a debug exception is generated.
LEN3–LEN0 and RW3–RW0 are two-bit fields in DR7 that
specify the length and type of each breakpoint as defined in
Table 48.
Debug Exceptions
A debug exception is categorized as either a debug trap or a
debug fault.
s
A debug trap calls the debugger following the execution of
the instruction that caused the trap.
s
A debug fault calls the debugger prior to the execution of the
instruction that caused the fault.
All debug traps and faults generate either an Interrupt 01h or
an Interrupt 03h exception.
Table 48. DR7 LEN and RW Definitions
LEN Bits1
Notes:
1. LEN bits equal to 10b is undefined.
RW Bits
Breakpoint
00b
00b2
2. When RW equals 00b, LEN must be equal to 00b.
Instruction Execution
00b
01b
One-byte Data Write
01b
Two-byte Data Write
11b
Four-byte Data Write
00b
10b3
3. When RW equals 10b, debugging extensions (DE) must be enabled (bit 3 of CR4 must be set
to 1). If DE is cleared to 0, then RW equal to 10b is undefined.
One-byte I/O Read or Write
01b
Two-byte I/O Read or Write
11b
Four-byte I/O Read or Write
00b
11b
One-byte Data Read or Write
01b
Two-byte Data Read or Write
11b
Four-byte Data Read or Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com