Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 265 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 265 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 261Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 262Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 263Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 264Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 265Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 267Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 268Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 269Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 332 page
background image
Chapter 13
Clock Control
247
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
13
Clock Control
13.1
Clock Control States
The AMD-K6-2E processor supports five modes of clock control.
The processor can transition between these modes to maximize
performance, to minimize power dissipation, or to provide a
balance between performance and power. (See “Power
Dissipation” on page 258 for the maximum power dissipation of
the AMD-K 6 -2 E processor w i thi n the normal and the
reduced-power states.)
The five clock-control states supported are:
s
Normal State—The processor is running in real mode,
virtual-8086 mode, protected mode, or system management
mode (SMM). In this state, all clocks are running— including
the external bus clock, CLK, and the internal processor
clock—and the full features and functions of the processor
are available.
s
Halt State—This low-power state is entered following the
successful execution of the HLT instruction. During this
state, the internal processor clock is stopped.
s
Stop Grant State—This low-power state is entered following
the recognition of the assertion of the STPCLK# signal.
During this state, the internal processor clock is stopped.
s
Stop Grant Inquire State—This state is entered from the
Halt state and the Stop Grant state as the result of a
system-initiated inquire cycle.
s
Stop Clock State—This low-power state is entered from the
Stop Grant state when the CLK signal is stopped.
Figure 87 on page 248 illustrates the clock control state
transitions. Each of the four reduced-power states are described
in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com