Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 264 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 264 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 260Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 261Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 262Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 263Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 264Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 265Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 267Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 268Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 332 page
background image
246
Test and Debug
Chapter 12
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Interrupt 01h. The following events are considered debug traps
that ca use the proces sor to g ene rate a n I nterr upt 01 h
exception:
s
Enabled breakpoints for data and I/O cycles
s
Single-step trap
s
Task-switch trap
The following events are considered debug faults that cause the
processor to generate an Interrupt 01h exception:
s
Enabled breakpoints for instruction execution
s
BD bit in DR6 set to 1
Interrupt 03h. The INT 3 instructi on is defi ned i n the x86
architecture as a breakpoint instruction. This instruction
causes the processor to generate an Interrupt 03h exception.
This exception is a debug trap because the debugger is called
following the execution of the INT 3 instruction.
The INT 3 instruction is a one-byte instruction (opcode CCh)
typically used to insert a breakpoint in software by writing CCh
to the address of the first byte of the instruction to be trapped
(the target instruction). Following the trap, if the target
instruction is to be executed, the debugger must replace the
INT 3 instruction with the first byte of the target instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com