Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 303 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 303 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 299Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 300Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 301Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 302Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 303Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 304Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 307Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 332 page
background image
Chapter 16
Thermal Design
285
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
16
Thermal Design
16.1
Package Thermal Specifications
The AMD-K6-2E processor operating specification calls for the
case temperature (TC) to be in the range of 0°C to 70°C (for the
standard-power 2.2-V component) or 0°C to 85°C (for the low-
power 1.9-V component). The ambient temperature (TA) is not
specified as long as the case temperature is not violated. The
case temperature must be measured on the top center of the
package. Table 66 and Table 67 show the package thermal
specifications for the AMD-K6-2E processor.
Table 66. Package Thermal Specification for OPN Suffix AMZ (Low-Power Devices)
qJC
Junction-Case
Maximum Thermal Power
233 MHz
266 MHz
300 MHz
333 MHz
350 MHz
1.0 °C/W
9.00 W
10.00 W
10.00 W
10.00 W
11.00 W
Stop Grant Mode
1.20 W
1.20 W
1.20 W
1.20 W
1.20 W
Stop Clock Mode
1.00 W
1.00 W
1.00 W
1.00 W
1.00 W
TC Case Temperature
0°C–85°C
Table 67. Package Thermal Specification for OPN Suffix AFR (Standard-Power Devices)
qJC
Junction-Case
Maximum Thermal Power
233 MHz
266 MHz
300 MHz
333 MHz
350 MHz
400 MHz
1.0 °C/W
13.50 W
14.70 W
17.20 W
19.00 W
19.95 W
16.90 W
Stop Grant Mode
2.46 W
2.48 W
2.50 W
3.94 W
3.96 W
4.40 W
Stop Clock Mode
2.25 W
2.25 W
2.25 W
3.50 W
3.50 W
4.00 W
TC Case Temperature
0°C–70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com