Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 117Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 118Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 119Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 120Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 121Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 122Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 123Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 124Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 332 page
background image
Chapter 5
Signal Descriptions
103
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.22
FERR# (Floating-Point Error)
Pin Attribute
Output
Pin Location
Q-05
Summary
The assertion of FERR # indicates the occurrence of an
unmaske d fl oati ng-point ex ception res ulting from the
execution of a floating-point instruction. This signal is provided
to allow the system logic to handle this exception in a manner
consistent with IBM-compatible PC/AT systems. See “Handling
Floating-Point Exceptions” on page 213 for a system logic
implementation that supports floating-point exceptions.
The state of the numeric error (NE) bit in CR0 does not affect
the FERR# signal.
The processor is designed so that FERR # does not glitch,
enabling the signal to be used as a clocking source for system
logic.
Driven
The processor asserts FERR # on the instruction boundary of
the next floating-point instruction, MMX instruction, 3DNow!
instruction, or WAIT instruction that occurs following the
f l oa ti n g -p oi n t i n st r u ct i o n tha t ca us e d t h e unm as ke d
floating-point exception—that is, FERR# is not asserted at the
time the exception occurs. The IGNNE # signal does not affect
the assertion of FERR #.
FERR # is negated during the following conditions:
s
Following the successful execution of the floating-point
instructions FCLEX, FINIT, FSAVE, and FSTENV
s
Under certain circumstances, following the successful
execution
of
the
floating-point
instructions
FLDCW,
FLDENV, and FRSTOR, which load the floating-point status
word or the floating-point control word
s
Following the falling transition of RESET
FERR # is always driven except in the three-state test mode.
See “IGNNE# (Ignore Numeric Exception)” on page 108 for
more details on floating-point exceptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com