Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 114Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 115Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 116Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 117Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 118Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 119Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 120Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 121Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 332 page
background image
100
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.19
DP[7:0] (Data Parity)
Pin Attribute
Bidirectional
Pin Location
See “Pin Designations by Functional Grouping” on page 301.
Summary
DP[7:0] are even parity bits for each valid byte of data — as
defined by BE[7:0]# —driven and sampled on the D[63:0] data
bus. Even parity means that the total number of odd (1) bits
within each byte of data and its respective data parity bit is an
even number. DP[7:0] are driven by the processor during write
cycles and sampled by the processor during read cycles.
If the processor detects bad parity on any valid byte of data
during a read cycle, PCHK# is asserted for one clock beginning
the clock edge after BRDY # is sampled asserted. The processor
does not take an internal exception as the result of detecting a
data parity check, and system logic must respond appropriately
to the assertion of this signal.
The eight data parity bits correspond to the eight bytes of the
data bus as follows:
For systems that do not support data parity, DP[7:0] should be
connected to VCC3 through pullup resistors.
Driven, Sampled, and
Floated
As Outputs: For single-transfer write cycles, the processor drives
DP[7:0] with valid parity one clock edge after the clock edge on
which ADS# is asserted and DP[7:0] remain in the same state
until the clock edge on which BRDY# is sampled asserted. If the
cycle is a writeback, DP[7:0] are driven one clock edge after the
clock edge on which ADS# is asserted and are subsequently
changed off the clock edge on which each BRDY# assertion of
the burst cycle is sampled.
As Inputs: During read cycles, the processor samples DP[7:0] on
the clock edge on which BRDY# is sampled asserted.
s
DP7: D[63:56]
s
DP3: D[31:24]
s
DP6: D[55:48]
s
DP2: D[23:16]
s
DP5: D[47:40]
s
DP1: D[15:8]
s
DP4: D[39:32]
s
DP0: D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com