Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 118Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 119Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 120Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 121Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 122Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 123Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 124Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 125Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 332 page
background image
104
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.23
FLUSH# (Cache Flush)
Pin Attribute
Input
Pin Location
AN-07
Summary
In response to sampling FLUSH# asserted, the processor writes
back any data cache lines that are in the modified state,
invalidates all lines in the instruction and data caches, and then
executes a flush acknowledge special cycle. See Table 23 on
page 132 for the bus definition of special cycles.
In addition, FLUSH # is sampled when RESET is negated to
determine if the processor enters the three-state test mode. If
FLUSH # is 0 during the falling transition of RESET, the
proc esso r e nt e rs t h e t h ree- sta te te st mode ins tea d of
performing the normal RESET functions.
Sampled
FLUSH # is sampled and latched as a falling edge-sensitive
signal. During normal operation (not RESET), FLUSH # is
sampled on every clock edge but is not recognized until the next
instruction boundary. If FLUSH # is asserted synchronously, it
can be asserted for a minimum of one clock. If FLUSH # is
asserted asynchronously, it must have been negated for a
minimum of two clocks, followed by an assertion of a minimum
of two clocks.
FLUSH# is also sampled during the falling transition of RESET.
If RESET and FLUSH # are driven synchronously, FLUSH # is
sampled on the clock edge prior to the clock edge on which
RESET is sampled negated. If RESET is driven asynchronously,
the minimum setup and hold time for FLUSH#, relative to the
negation of RESET, is two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com