| Electronic Components Datasheet Search |
|
MC68HC908GR4MP Datasheet(PDF) 214 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 214 Page - Freescale Semiconductor, Inc |
|
214 / 286 page ![]() Serial Peripheral Interface (SPI) MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 214 Freescale Semiconductor 20.7 Error Conditions The following flags signal SPI error conditions: • Overflow (OVRF) — Failing to read the SPI data register before the next full byte enters the shift register sets the OVRF bit. The new byte does not transfer to the receive data register, and the unread byte still can be read. OVRF is in the SPI status and control register. • Mode fault error (MODF) — The MODF bit indicates that the voltage on the slave select pin (SS) is inconsistent with the mode of the SPI. MODF is in the SPI status and control register. 20.7.1 Overflow Error The overflow flag (OVRF) becomes set if the receive data register still has unread data from a previous transmission when the capture strobe of bit 1 of the next transmission occurs. The bit 1 capture strobe occurs in the middle of SPSCK cycle 7. (See Figure 20-4 and Figure 20-6.) If an overflow occurs, all data received after the overflow and before the OVRF bit is cleared does not transfer to the receive data register and does not set the SPI receiver full bit (SPRF). The unread data that transferred to the receive data register before the overflow occurred can still be read. Therefore, an overflow error always indicates the loss of data. Clear the overflow flag by reading the SPI status and control register and then reading the SPI data register. OVRF generates a receiver/error CPU interrupt request if the error interrupt enable bit (ERRIE) is also set. The SPRF, MODF, and OVRF interrupts share the same CPU interrupt vector. See Figure 20-11. It is not possible to enable MODF or OVRF individually to generate a receiver/error CPU interrupt request. However, leaving MODFEN low prevents MODF from being set. If the CPU SPRF interrupt is enabled and the OVRF interrupt is not, watch for an overflow condition. Figure 20-9 shows how it is possible to miss an overflow. The first part of Figure 20-9 shows how it is possible to read the SPSCR and SPDR to clear the SPRF without problems. However, as illustrated by the second transmission example, the OVRF bit can be set in between the time that SPSCR and SPDR are read. Figure 20-9. Missed Read of Overflow Condition READ READ OVRF SPRF BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 1 SETS SPRF BIT. CPU READS SPSCR WITH SPRF BIT SET CPU READS BYTE 1 IN SPDR, BYTE 2 SETS SPRF BIT. CPU READS SPSCR WITH SPRF BIT SET BYTE 3 SETS OVRF BIT. BYTE 3 IS LOST. CPU READS BYTE 2 IN SPDR, CLEARING SPRF BIT, BYTE 4 FAILS TO SET SPRF BIT BECAUSE 1 1 2 3 4 5 6 7 8 2 3 4 5 6 7 8 CLEARING SPRF BIT. BUT NOT OVRF BIT. OVRF BIT IS NOT CLEARED. BYTE 4 IS LOST. AND OVRF BIT CLEAR. AND OVRF BIT CLEAR. SPSCR SPDR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |