| Electronic Components Datasheet Search |
|
MC68HC908GR4MP Datasheet(PDF) 242 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 242 Page - Freescale Semiconductor, Inc |
|
242 / 286 page ![]() Timer Interface Module (TIM) MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 242 Freescale Semiconductor CHxF — Channel x Flag Bit When channel x is an input capture channel, this read/write bit is set when an active edge occurs on the channel x pin. When channel x is an output compare channel, CHxF is set when the value in the TIM counter registers matches the value in the TIM channel x registers. When TIM CPU interrupt requests are enabled (CHxIE = 1), clear CHxF by reading TIM channel x status and control register with CHxF set and then writing a 0 to CHxF. If another interrupt request occurs before the clearing sequence is complete, then writing 0 to CHxF has no effect. Therefore, an interrupt request cannot be lost due to inadvertent clearing of CHxF. Reset clears the CHxF bit. Writing a 1 to CHxF has no effect. 1 = Input capture or output compare on channel x 0 = No input capture or output compare on channel x CHxIE — Channel x Interrupt Enable Bit This read/write bit enables TIM CPU interrupt service requests on channel x. Reset clears the CHxIE bit. 1 = Channel x CPU interrupt service requests enabled 0 = Channel x CPU interrupt service requests disabled MSxB — Mode Select Bit B This read/write bit selects buffered output compare/PWM operation. MSxB exists only in the TIM1 channel 0 and TIM2 channel 0 status and control registers. Setting MS0B disables the channel 1 status and control register and reverts TCH1 to general-purpose I/O. Reset clears the MSxB bit. 1 = Buffered output compare/PWM operation enabled 0 = Buffered output compare/PWM operation disabled MSxA — Mode Select Bit A When ELSxB:A ≠ 00, this read/write bit selects either input capture operation or unbuffered output compare/PWM operation. See Table 22-3. 1 = Unbuffered output compare/PWM operation 0 = Input capture operation Address: T1SC0, $0025 and T2SC0, $0030 Bit 7 654321 Bit 0 Read: CH0F CH0IE MS0B MS0A ELS0B ELS0A TOV0 CH0MAX Write: 0 Reset: 00000000 Figure 22-9. TIM Channel 0 Status and Control Register (TSC0) Address: T1SC1, $0028 Bit 7 654321 Bit 0 Read: CH1F CH1IE 0 MS1A ELS1B ELS1A TOV1 CH1MAX Write: 0 Reset: 00000000 = Unimplemented Figure 22-10. TIM Channel 1 Status and Control Register (TSC1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |