| Electronic Components Datasheet Search |
|
MC68HC908GR4MP Datasheet(PDF) 200 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 200 Page - Freescale Semiconductor, Inc |
|
200 / 286 page ![]() System Integration Module (SIM) MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 200 Freescale Semiconductor Figure 19-16 and Figure 19-17 show the timing for WAIT recovery. Figure 19-16. Wait Recovery from Interrupt or Break Figure 19-17. Wait Recovery from Internal Reset 19.6.2 Stop Mode In stop mode, the SIM counter is reset and the system clocks are disabled. An interrupt request from a module can cause an exit from stop mode. Stacking for interrupts begins after the selected stop recovery time has elapsed. Reset or break also causes an exit from stop mode. The SIM disables the clock generator module outputs (CGMOUT and CGMXCLK) in stop mode, stopping the CPU and peripherals. Stop recovery time is selectable using the SSREC bit in the CONFIG register (MOR). If SSREC is set, stop recovery is reduced from the normal delay of 4096 CGMXCLK cycles down to 32. This is ideal for applications using canned oscillators that do not require long startup times from stop mode. NOTE External crystal applications should use the full stop recovery time by clearing the SSREC bit unless the OSCSTOPENB bit is set in the configuration register. The SIM counter is held in reset from the execution of the STOP instruction until the beginning of stop recovery. It is then used to time the recovery period. Figure 19-18 shows stop mode entry timing. NOTE To minimize stop current, all pins configured as inputs should be driven to a 1 or 0. $6E0C $6E0B $00FF $00FE $00FD $00FC $A6 $A6 $01 $0B $6E $A6 IAB IDB EXITSTOPWAIT Note: EXITSTOPWAIT = RST pin, CPU interrupt, or break interrupt IAB IDB RST $A6 $A6 $6E0B RST VCT H RST VCT L $A6 CGMXCLK 32 CYCLES 32 CYCLES |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |