Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 30Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 31Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 32Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 33Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 34Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 35Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 36Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 37Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 286 page
background image
Handling Precautions
22
(3) Make sure that no surge voltages from the measuring equipment are applied to the device.
(4) The chips in tape carrier packages (TCPs) are LSI chips and therefore exposed. During inspection, be
careful not to crack or scratch the chip.
Electrical contact may also cause chip failure. Therefore make sure that nothing comes into electrical
contact with the chip.
3.5
Mounting
There are two types of device packages: lead insertion and surface mount. The items that affect reliability during
circuit board mounting include contamination by flux and thermal stress during the soldering process. With
surface-mount devices in particular, the most significant problem is thermal stress from solder reflow, when the
entire package is subjected to heat. In addition, the mounting method differs according to factors such as chip
size and frame design, even for the same package type. For details, refer to the individual technical datasheets
and databooks for each device.
When a location such as a soldered area, connecting area or top surface of a device is subjected to vibration,
impact or in actual equipment, bonding fault or device destruction may result. Therefore, be sure to keep this in
mind at the time of mounting. If a device is subject to especially strong vibration, impact or stress, the package
or chip may crack. Thus, at the time of mounting, carefully consider vibration, impact and stress.
3.5.1
Lead Forming
[1] Always wear safety glasses when cutting the leads of a device with clippers or a similar
tool. Failure to do so may result in eye damage from the small shavings that fly off the
cut ends.
[2] Do not touch the lead tips of a device.
Some devices have leads withsharp tips. Contact to sharp tips may result in a puncture
wound.
Semiconductor devices sometimes undergo a process in which the leads are cut and formed before the devices
are installed on a printed circuit board. If abnormal stress is applied to the interior of a device during this process,
mechanical breakdown or reliability deterioration may result. This is attributable mainly to the relative stress
applied between the device itself and the lead, and can result in internal lead damage, adhesive property
deterioration and sealant breakdown. Observe the following precautions during the lead-forming process.
(This does not apply to surface-mount devices.)
(1) Lead insertion hole intervals on the printed circuit board should be designed using the same dimension
standard as that for the lead interval of the device.
(2) If the lead insertion hole intervals on the printed circuit board do not match the lead interval of the device,
do not forcibly insert the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com