Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 14Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 15Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 16Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 17Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 18Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 19Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 20Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 21Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 286 page
background image
Handling Precautions
6
Prohibited
Do not use a device under conditions that exceed its absolute maximum ratings (such as current,
voltage, safe operation range, temperature.).
Using device with exceeded its absolute maximum ratings may cause the device to break down,
causing a short-circuit current, which may in turn cause it to explode or combust, resulting in fire or
injury.
Instructions
Use a unit which can detect short-circuit currents and shut off the power supply if a short-circuit
occurs.
If the power supply is not shut off, a large short-circuit current will flow continuously, causing the
device to explode or combust, resulting in fire or injury.
Instructions
Design the case for enclosing your system taking into consideration the prevention of flying debris
in the event the device explodes or combusts.
Flying debris may cause injury.
Instructions
When conducting an evaluation, inspection or test, use protective safety tools such as device
covers.
The device may explode or combust due to excessive stress in the event of breakdown or arc
discharge between the electrode and ground potential, resulting in fire or injury.
Instructions
Design your product so that it is used with all metal areas (other than electrodes and terminals)
grounded. Even with products where the device’s electrodes and metal casings are insulated,
electrostatic capacitance in the product may cause the electrostatic potential in the casing to rise.
Insulation deterioration or breakdown may cause a high voltage to be applied to the casing,
causing electric shock when touched, resulting in death or serious injury.
Instructions
When designing the heat radiation and safety features of a system incorporating Schottky barrier
diodes and high-speed rectifiers, take into consideration the device’s forward and reverse losses.
The reverse current in these devices is greater than that in ordinary rectifiers. If the operating
environment is severe (such as high temperature, high voltage), the device’s reverse loss may
increase, causing a short-circuit current and subsequently explosion or combustion, resulting in fire
or injury.
Instructions
Be sure to design the product so that, except when the main circuits of the device are active, the
main circuits will be inactive when electricity is conducted to control circuits.
Malfunction of the device may cause a serious accident or injury.
Instructions
When conducting an evaluation, inspection or test, either wear protective gloves or wait until the
device cools down prior to handling.
Devices become hot when operated. Even after the power supply has been turned off, residual
heat may cause a burn when the device is touched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com