Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 15Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 16Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 17Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 18Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 19Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 20Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 21Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 22Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 286 page
background image
Handling Precautions
7
2.2.3
Application Specific Standard Products and General-Purpose Linear ICs
Instructions
Use an appropriate power supply fuse to ensure that a large current does not continuously flow in
case of over current and/or IC failure. The IC will fully break down when used under conditions that
exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal
pulse noise occurs from the wiring or load, causing a large current to continuously flow and the
breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case
of breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location,
are required.
Instructions
If your design includes an inductive load such as a motor coil, incorporate a protection circuit into
the design to prevent device malfunction or breakdown caused by the current resulting from the
inrush current at power ON or the negative current resulting from the back electromotive force at
power OFF. For details on how to connect a protection circuit such as a current limiting resistor or
back electromotive force adsorption diode, refer to individual IC datasheets or the IC databook. IC
breakdown may cause injury, smoke or ignition.
Instructions
Use a stable power supply with ICs with built-in protection functions. If the power supply is
unstable, the protection function may not operate, causing IC breakdown. IC breakdown may
cause injury, smoke or ignition.
Instructions
Carefully select external components (such as inputs and negative feedback capacitors) and load
components (such as speakers), for example, power amp and regulator. If there is a large amount
of leakage current such as input or negative feedback condenser, the IC output DC voltage will
increase. If this output voltage is connected to a speaker with low input withstand voltage, over
current or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition
from the IC itself.) In particular, please pay attention when using a Bridge Tied Load (BTL)
connection type IC that inputs output DC voltage to a speaker directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com