Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 31Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 32Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 33Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 34Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 35Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 36Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 37Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 38Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 286 page
background image
Handling Precautions
23
(3) For the minimum dimension between a device and printed circuit board, refer to
the individual technical datasheets and databooks. When necessary, create space
when forming the device’s leads. Do not use the spacers for raising devices
above the surface of the printed circuit board during soldering. These spacers
may continue to expand due to heat even after the solder has solidified,
sometimes applying a great amount of stress to the device.
(4) Observe the following when forming the leads of a device:
(a) When bending a lead, secure the lead at the end of the bending section near the package to ensure that
mechanical stress is not applied to the device. Also, do not repeatedly bend or stretch a lead at the
same location.
(b) Do not damage the lead during lead forming.
(c) Following any other precautions specified in the individual technical datasheets or databooks.
3.5.2
Socket Mounting
(1) When socket-mounting devices on a printed circuit board, use sockets that match the package.
(2) Use sockets with contacts that have the appropriate contact pressure. If the contact pressure is insufficient,
the contact may become poor when the device is repeatedly inserted and removed. If the contact pressure is
too high, the device leads may bend or become damaged when they are inserted into or removed from the
socket.
(3) When soldering sockets to the printed circuit board, use sockets designed to prevent flux from penetrating
the contacts and to allow flux to be completely cleaned off.
(4) Ensure that the coating agent applied to the printed circuit board for moisture-proofing does not adhere to
the socket contacts.
(5) If the leads are severely bent when inserted into or removed from a socket and you want to repair the leads
and continue using the device, repair the leads once only. Do not use devices whose leads have been
corrected multiple times.
(6) If external vibration will be applied to a printed circuit board with devices mounted on it, use sockets with
strong contact pressure so as to prevent vibration between the devices and sockets.
3.5.3
Lead(Pb)-Free / Lead(Pb)-Free Finish* Soldering Temperature Profile
Perform soldering following the methods and conditions described in the individual technical datasheets and
databooks for the device used. The soldering method, temperature and time may be restricted, depending on the
device. All soldering temperature profiles and conditions described in the mounting methods below are
representative. The profiles and conditions vary from product to product. Therefore, mount the product after first
confirming the information described in the individual technical datasheets and databooks with the customer.
For details regarding lead(Pb) soldering, please contact your nearest Toshiba office or distributor.
*Toshiba Semiconductor Company defines capitalized “Lead(Pb)-Free” products as those Containing no more than 0.1 percent lead(Pb) by
weight in homogeneous materials. This does not mean that Toshiba Semiconductor products labeled "Lead(Pb)-Free" are entirely free of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com