Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 74Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 75Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 76Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 77Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 78Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 79Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 80Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-17
3.2.13
EPC Register (Reg
#14)
The Exception Program Counter (EPC) register is a read/write register. This register contents the
address at which processing resumes after an exception has been serviced.
For synchronous exceptions, this register contains either:
•
the virtual address of the instruction that was the direct cause of the exception.
•
the virtual address of the immediately preceding branch or jump instruction (when the
instruction is in a branch delay slot, and the Branch Delay bit in the Cause register is set).
The processor does not write to the EPC register when EXL bit in the Status register is set to 1.
Figure 3.2.13 shows the formats of the EPC register and Table 3.2.14 describes the EPC register field.
31
0
EPC
(32-bit mode)
63
0
EPC
(64-bit mode)
Figure 3.2.13 EPC Register Formats
Table 3.2.14 EPC Register Field Description
32-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:0
EPC
Exception program counter
Undefined
Read/Write
64-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
63:0
EPC
Exception program counter
Undefined
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com