Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 88Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 89Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 90Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 91Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 92Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 93Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 94Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 95Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-32
Control/Status Register FS Bit
The FS bit enables the flushing of denormalized values. When the FS bit is set and the Underflow and
Inexact Enable bits are not set, denormalized results are flushed instead of causing an Unimplemented
Operation exception. Results are flushed either to 0 or the minimum normalized value, depending upon
the rounding mode (see Table 3.3.4 below), and the Underflow and Inexact Flag and Cause bits are set.
Table 3.3.4 Flush Values of Denormalized Results
Flushed Result Rounding Mode
Denormalized
Result
RN
RZ
RP
RM
Positive
+0
+0
+2Emin
+0
Negative
-0
-0
-0
-2
Emin
Control/Status Register Condition Bit
When a floating-point Compare operation takes place, the result is stored at bit 23, the Condition bit.
The C bit is set to 1 if the condition is true; the bit is cleared to 0 if the condition is false. Bit 23 is affected
only by compare and CTC1 instructions.
The BC1T and BC1F instructions test the C bit to decide whether or not to cause a branch.
Control/Status Register Cause, Flag, and Enable Fields
Figure 3.3.4 illustrates the Cause, Flag, and Enable fields of the Control/Status register. The Cause and
Flag fields are updated by all conversion, computational (except MOV. fmt), CTC1, reserved, and
unimplemented instructions. All other instructions have no affect on these fields.
Cause Bits
Bits 17-12 in the Control/Status register contain Cause bits, as shown in Figure 3.3.4, which
reflect the results of the most recently executed floating-point instruction. The Cause bits are a
logical extension of the CP0 Cause register; they identify the exceptions raised by the last
floating-point operation. If the corresponding Enable bit is set at the time of the exception a
floating-point exception and interrupt is raised. If more than one exception occurs on a single
instruction, each appropriate bit is set.
The Cause bits are updated by most floating-point operations. The Unimplemented Operation (E)
bit is set to 1 if software emulation is required, otherwise it remains 0. The other bits are set to 0 or 1
to indicate the occurrence or non-occurrence (respectively) of an IEEE 754 exception. Within the set
of floating-point instructions that update the Cause bits, the Cause field indicates the exceptions
raised by the most-recently-executed instruction.
When a floating-point exception is taken, no results are stored, and the only state affected is the
Cause bit. Therefore, software emulation routines can use the original values to emulate the
exception-causing floating-point operation.
Enable Bits
A floating-point exception is generated any time a Cause bit and the corresponding Enable bit are
set. A floating-point operation that sets an enabled Cause bit forces an immediate floating-point
exception, as does setting both Cause and Enable bits with CTC1. Software can also emulate above.
There is no enable for Unimplemented Operation (E). An Unimplemented exception always
generates a floating-point exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com