| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 91 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 91 Page - Toshiba Semiconductor |
|
91 / 286 page ![]() Chapter 3 TX49/H4 Core’s Registers 3-31 Control/Status Register (FCR31) The Control/Status register (FCR31) contains control and status information that can be accessed by instructions in either Kernel or User mode. FCR31 also controls the arithmetic rounding mode and enables User mode traps, as well as identifying any exceptions that may have occurred in the most recently executed floating-point instruction, along with any exceptions that may have occurred without being trapped. Figure 3.3.3 shows the format of the Control/Status register, and Table 3.3.3 describes the Control/Status register fields. Figure 3.3.4 shows the Control/Status register Cause, Flag, and Enable fields. Control/Status Register (FCR31) 31 25 24 23 22 18 17 12 11 7 6 2 1 0 0 FS C 0 Cause EVZOUI Enables VZOUI Flags VZOUI RM 7 1 1 5 6 5 5 2 Figure 3.3.3 FP Control/Status Register Bit Assignments Table 3.3.3 Control/Status Register Fields Field Name Description FS When set, denormalized results can be flushed instead of causing an unimplemented operation exception. C Condition bit. Stores the result of compare instruction. See description of Control/Status register Condition bit. Cause Cause bits. These bits identify the exceptions raised by the most recently executed floating-point instruction. See Figure 3.3.4 and the description of Control/Status register Cause, Flag, and Enable bits. Enables Enable bits. When set, these bits trap any floating-point exceptions to indicate that they have been passed to the CPU. See Figure 3.3.4 and the description of Control/Status register Cause, Flag, and Enable bits. Flags Flag bits. These bits indicate that an exception was raised. See Figure 3.3.4 and the description of Control/Status register Cause, Flag, and Enable bits. RM Rounding mode bits. See Table 3.3.5 and the description of Control/Status register Rounding Mode Control bits. Bit# 17 16 15 14 13 12 E V Z O U I Bit# 11 10 9 8 7 V Z O U I Bit# 6 5 4 3 2 V Z O U I Inexact Operation Underflow Overflow Division by Zero Invalid Operation Unimplemented Operation Figure 3.3.4 Control/Status Register Cause, Flag, and Enable Fields Cause Bits Enable Bits Flag Bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |