Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 29Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 30Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 31Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 32Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 33Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 34Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 35Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 36Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 286 page
background image
Handling Precautions
21
3.3.15
Other
(1) When designing a system, incorporate fail-safe and other measures according to system application. In
addition, debug the system under actual mounting conditions.
(2) If a plastic package device is placed in a strong electric field, surface leakage may occur due to charge-up,
resulting in malfunction. When using such a device in a strong electric field, take measures by, for example,
protecting the package surface with a conductive shield.
(3) With some memory devices and microcomputers, attention is required at power on or reset release. To
ensure that your design is device appropriate, refer to the individual technical datasheets and databooks.
(4) Design the casing so as to ensure that no conductive material (such as a metal pin) can drop from an
external source onto a terminal of a mounted device, causing a short.
3.4
Inspection, Testing and Evaluation
3.4.1
Grounding
Check that there is no electrical leakage before grounding measuring equipment or a
solder iron.
Electrical leakage may cause the device you are testing or soldering to electrically break
down or may cause electric shock.
3.4.2
Inspection Sequence
[1] Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive
and negative terminals of power supplies are connected properly. Otherwise, the current
or power consumption may exceed the absolute maximum rating, and exceeding the
rating(s) may cause the device breakdown, damage or deterioration, and may result
injury by explosion or combustion. In addition, do not use any device that is applied the
current with inserting in the wrong orientation or incorrectly even just one time.
[2] On the evaluation, inspection or test using AC power with a peak value of 42.4V or DC
power exceeding 60V, be sure to connect the electrodes or probes of the testing
equipment before activating the power. When you have finished, discharge any electrical
charge remaining in the device. Insufficient connection, wrong power-on timing or
incomplete discharge may cause electric shock, resulting in injury.
(1) Apply voltage to the device after inserting it into the test jig. At this time, observe the power supply
activation or shutdown standards, if existent.
(2) After test completion, be sure that the voltage applied to the device is off before removing the device from
the test jig. Removing the device with the power supply on can cause device deterioration or breakdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com