Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 81Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 82Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 83Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 84Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 85Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 86Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 87Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 88Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-25
3.2.19
DEPC Register (Reg
#24)
The DEPC register holds the address where processing resumes after the debug exception routine has
finished. The address that has been loaded in the DEPC register is the virtual address of the instruction
that caused the debug exception. If the instruction is in the branch delay slot, the virtual address of the
immediately preceding branch or jump instruction is placed in this register. Execution of the DERET
instruction causes a jump to the address in the DEPC. If the DEPC is both written from software (by
MTC0) and by hardware (debug exception) then the DEPC is loaded by the value generated by the
hardware.
Figure 3.2.19 shows the formats of the DEPC register and Table 3.2.20 describes the DEPC register
field.
31
0
DEPC
(32-bit mode)
63
0
DEPC
(64-bit mode)
Figure 3.2.19 DEPC Register Formats
Table 3.2.20 DEPC Register Field Description
32-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:0
DEPC
Debug exception program counter.
Undefined
Read/Write
64-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
63:0
DEPC
Debug exception program counter.
Undefined
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com