Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 67Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 68Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 69Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 70Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 71Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 74Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-11
3.2.9
EntryHi Register (Reg
#10)
The EntryHi is a read/write register, and holds the high-order bits of a TLB entry for TLB read and
write operations. This register is accessed by the TLB Probe (TLBP), TLB Write Ransom (TLBWR),
TLB Write Indexed (TLBWI), and TLB Read Indexed (TLBR) instructions.
When either a TLB refill, TLB invalid, or TLB modified exception occurs, this register is loaded with
the virtual page number (VPN2) and the ASID of the virtual address that did not have a matching TLB
entry.
Figure 3.2.9 shows the formats of the EntryHi register and Table 3.2.10 describes the EntryHi register
fields.
31
13 12
8 7
0
VPN2
0
ASID
(32-bit mode)
63
62 61
40 39
13 12
8 7
0
R
FILL
VPN2
0
ASID
(64-bit mode)
Figure 3.2.9 EntryHi Register Formats
Table 3.2.10 EntryHi Register Field Descriptions
32-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:13
VPN2
Virtual page number divided by two
Undefined
Read/Write
12:8
0
Reserved
0x0
Read
7:0
ASID
Address space ID field
An 8-bit field that lets multiple processes share the TLB; each
process has a distinct mapping of otherwise identical virtual
page numbers.
Undefined
Read/Write
64-bit mode
Bit(s)
Field Name
Description
Cold Reset
Read/Write
63:62
R
Region. Used to match vAddr63 and vAddr62.
00: user
01: supervisor
11: kernel
Undefined
Read/Write
61:40
Fill
Reserved. 0 on read. Ignored on write.
Undefined
Read
39:13
VPN2
Virtual page number divided by two
Undefined
Read/Write
12:8
0
Reserved
0x0
Read
7:0
ASID
Address space ID field.
Undefined
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com