Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 80Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 81Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 82Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 83Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 84Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 85Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 86Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 87Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-24
Bit(s)
Field Name
Description
Cold Reset
Read/Write
12
OES
Other Exception Status
When this bit is set, indicates exception other than reset, NMI,
or TLB/XTLB refill has occurred at the same time as a debug
exception. In this case the Status, Cause, EPC, and
BadVAddr registers assume the usual status after occurrence
of such an exception, but the addressing the DEPC is not the
other exception Vector address. Instead, 0xbfc0 0380 (if BEV
= 1) or 0x8000 0180 (if BEV = 0) is put in DEPC by the debug
exception handler software, after which processing returns
directly from the other exception handler.
0
Read
11
TLF
TLB Exception Flag
This bit is set to 1 when TLB related exception occurs for
immediately preceding load or store instruction while a debug
exception handler is running (DM
= 1). TLB exception will set
this bit to 1 regardless of writing zero. It is cleared by writing 0
and writing 1 is ignored.
0
Read/Write
10
BsF
Bus Error Exception Flag
This bit is set to 1 when a bus error exception occurs for a
load or store instruction while a debug exception handler is
running (DM
= 1). Bus error exception will set this bit to 1
regardless of writing zero. It is cleared by writing 0 and writing
1 is ignored.
0
Read/Write
9
0
Reserved
0
Read
8
SSt
Single Step
Set to 1 indicates the single step debug function is enable (1)
or disabled (0). The function is disable when the DM bit is set
to 1 while the debug exception is running.
0
Read/Write
7
JtagRst
JTAG Reset
When this bit is set to 1 the processor reset the JTAG unit.
0
Read/Write
6
0
Reserved
0
Read
5
DINT
Debug Interrupt Break Exception Status
Set to 1 when debug interrupts occurs.
0
Read
4
DIB
Debug Instruction Break Exception Status
Set to 1 on instruction address break.
0
Read
3
DDBS
Debug Data Break Store Exception Status
Set to 1 on data address break at store operation.
0
Read
2
DDBL
Debug Data Break Load Exception Status
Set to 1 on data address break at load operation.
0
Read
1
DBp
Debug Breakpoint Exception Status
This bit is set when executing SDBBP instruction.
0
Read
0
DSS
Debug Single Step Exception Status
Set to 1 indicate Single Step Exception.
0
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com