Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 13Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 14Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 15Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 16Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 17Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 18Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 19Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 20Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 286 page
background image
Handling Precautions
5
2.2
Precautions Specific to Product Group
2.2.1
Optical Semiconductor Devices
Prohibited
When a semiconductor laser is operating, do not look into the laser beam or look through the
optical system.
Doing so may damage your eyesight or, in the worst case, cause blindness. When inspecting the
optical characteristics of the laser using laser protective glasses, be sure the glasses comply with
JISC6802.
Prohibited
Do notapply voltage or current into the LED device that exceeds the device’s absolute maximum
rating.
With resin-packaged LED devices in particular, excessive voltage or current may cause the
package resin to explode, scattering resin fragments and may result injury.
Instructions
When evaluating and testing the dielectric strength voltage of a photocoupler, use equipment that
can shut off the supply voltage if a leakage current exceeding 100
µA is detected.
Failure to do so may result in the continuous flow of a large short-circuit current, causing the device
to explode or combust, resulting in fire or injury.
Instructions
When designing a semiconductor laser, use the built-in or another light-receiving element to
stabilize optical output so as to ensure that laser beams exceeding the laser’s rated optical output
are not emitted.
If this stabilization function does not work properly and the rated output is exceeded, not only the
device may break down but also injury may result by the laser beam.
2.2.2
Power Device
Prohibited
Do not touch a power device while it is on or after it has been turned off and all remaining electrical
charge has not yet been discharged.
Touching power element with electrical charge may cause electric shock, resulting in death or
serious injury.
Instructions
When evaluating, inspecting or testing a device, be sure to connect all of the test equipment’s
electrodes or probes before turning the power on. When you have finished, discharge any electrical
charge remaining in the device.
Connecting the electrodes or probes with the power on may cause electric shock, resulting in death
or serious injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com