Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 36Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 37Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 38Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 39Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 40Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 41Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 42Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 43Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 286 page
background image
Handling Precautions
28
cracks over time, resulting in the deterioration of the heat radiation effect.
(5) With plastic-packaged devices, the base oil of some silicone grease compounds penetrates the package
interior, significantly reducing the lifetime of the device. We ask therefore that you use the recommended
silicon grease YG6260 from GE Toshiba Silicone. If you choose to use another product, select one that is
equivalent to the Toshiba Silicone product.
(6) During device operation, heat sinks become very hot. Be careful not to touch them. A burn may result.
3.5.10
Tightening Torque
(1) Tighten screws to a tightening torque that is within the specified values described in the individual
technical datasheets and databooks for the device used.
(2) Be careful not to allow a pneumatic screwdriver to come in contact with devices. Device damage may
result.
3.5.11
Repeated Device Mounting and Usage
Do not remount or reuse devices that have histories such as that described below. These devices may cause
significant problems with regard to device characteristics and reliability.
(1) Devices that have been removed from the board after soldering.
(2) Devices that have been inserted in the wrong orientation or with reverse polarity and charged.
(3) Devices that have undergone lead forming more than once.
3.6
Operating Environment
3.6.1
Temperature
Semiconductor devices are generally more sensitive to temperature than other electromechanical parts. The
various electrical characteristics of a semiconductor device are restricted by the operating temperature. It is
therefore necessary to understand the temperature characteristics of a device and incorporate derating into the
device design in advance. When a device is used at a temperature outside the specified operating range,
electrical characteristics will not be realized and device deterioration will occur more rapidly.
3.6.2
Humidity
Plastic package devices are sometimes not completely sealed.
When these devices are used for an extended period of time under high humidity, moisture can seep into the
device and cause semiconductor chip deterioration or failure. Furthermore, when devices are mounted on a
regular printed circuit board, the impedance between wiring can decrease under high humidity. In systems with a
high signal-source impedance, circuit board leakage or leakage between device leads can cause malfunction. In
such a case, moisture-proof treatment to the device surface should be considered. On the other hand, operation
under low humidity can damage a device due to the occurrence of electrostatic discharge. Unless moisture-proof
treatments have been specifically taken, use devices within the humidity range of 40 to 60%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com