Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 90 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 90 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 86Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 87Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 88Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 89Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 90Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 91Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 92Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 93Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-30
3.3.2
Floating-Point Control Registers
The MIPS RISC architecture defines 32 floating-point control registers (FCRs); the TX49 processor
implements two of these registers: FCR0 and FCR31. These FCRs are described below:
•
The Implementation/Revision register (FCR0) holds revision information.
•
The Control/Status register (FCR31) controls and monitors exceptions, holds the result of
compare operations, and establishes rounding modes.
•
FCR1 to FCR30 are reserved.
Table 3.3.1 lists the assignments of the FCRs.
Table 3.3.1 Floating-Point Control Register Assignments
FCR Number
Use
FCR0
Coprocessor implementation and revision register
FCR1-FCR30
Reserved
FCR31
Rounding mode, cause, trap enables, and flags
Implementation and Revision Register (FCR0)
The read-only Implementation and Revision register (FCR0) specifies the implementation and revision
number of CP1. This information can determine the coprocessor revision and performance level, and can
also be used by diagnostic software.
Figure 3.3.2 shows the layout of the register; Table 3.3.2 describes the Implementation and Revision
register (FCR0) fields.
Implementation/Revision Register (FCR0)
31
16 15
8 7
0
0
Imp
Rev
16
8
8
Figure 3.3.2 Implementation/Revision Register
Table 3.3.2 FCR0 Fields
Field Name
Description
Imp
Implementation number
Rev
Revision number in the form of y. x
0
Reserved. Returns zeroes when read.
The revision number is a value of the form y. x, where:
•
y is a major revision number held in bits 7:4.
•
x is a minor revision number held in bits 3:0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com