Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 66Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 67Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 68Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 69Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 70Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 71Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-10
3.2.8
Count Register (Reg
#9)
The Count register is a read/write register. This register acts as a timer, incrementing at a constant rate
(1/2 rate of CPUCLK) whether or not an instruction is executed, retired, or any forward progress is made
through the pipeline.
When all count bits of the Counter register become up to 1, then they are flushed to 0 and continue to
count up from 0.
This register can be also written for diagnostic purpose or system initialization.
Figure 3.2.8 shows the format of the Count register and Table 3.2.9 describes the Count register field.
31
0
Count
Figure 3.2.8 Count Register Format
Table 3.2.9 Count Register Field Description
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31:0
Count
32-bit timer, incrementing at half the maximum instruction
issue rate (CPUCLK).
0x0
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com