Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4956C Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 52Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 53Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 54Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 55Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 56Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 57Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 58Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 59Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 286 page
background image
Chapter 2 Features
2-8
Table 2.2.5 Clock/Control Interface
Signal Name
Pin No.
I/O
Function
MasterClock
A1
I
Master clock
Master clock input that establishes the processor operating frequency.
DivMode[2:0]
A2, A15,
A14
I
Set the operational frequency of the System interface
Set the Clock ratio between MasterClock and internal clock (CPUCLK).
* EC-bit indicates the bit filed of Config Register in CP0.
DivMode[2:0]
EC-bit
Clock Ratio (MasterClock:CPUCLK)
000
010
1:4
001
111
1:2.5
010
000
1:2
011
001
1:3
100
100
1:3.5
101
101
1:4.5
110
110
1:5
111
011
1:6
See chapter 10 described about Clock interface in detail.
TintDis
P5
I
Timer-Interrupt disable input
0: enable Timer-Interrupt
1: disable Timer-Interrupt
HALTDOZE
N7
O
HALT/DOZE mode output
This signal output the status of HALT or DOZE mode. This signal indicates that the
TX4956 is in the HALT or DOZE mode when this signal is “H”.
Endian
R15
I
Endianess input
Indicates the initial setting of the endian during a reset.
0: Little Endian
1: Big Endian
Table 2.2.6 Interrupt Interface
Signal Name
Pin No.
I/O
Function
Int[5:0]*
N12, N11,
N10, P11,
P10, R10
I
Interrupt (with pull-up resistor).
General-purpose processor interrupt inputs, which are sampled at rising edges of the
MasterClock.
When TintDis is deasserted (TintDis = 0), Int5* is not available.
NMI*
R11
I
Nonmaskable interrupt (with pull-up resistor).
Nonmaskable interrupt input, which is sampled at rising edges of the MasterClock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com