Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3460RT-E/2LX Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP3460RT-E/2LX
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460RT-E/2LX Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP3460RT-E/2LX Datasheet HTML 42Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 43Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 44Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 45Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 46Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 47Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 48Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 49Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 103 page
background image
MCP3460R
DS20006975A page 46
 2025 Microchip Technology Inc. and its subsidiaries
When VREF_SEL = 0, the reference voltage is set to
External mode. The REFIN+/OUT pin becomes an
input. In this case, the REFIN+/OUT pad is directly tied
to the VREF+ input of the ADC. There is no input buffer
in the differential input voltage reference path in this
mode, so the external voltage reference should include
a buffer to be able to charge the internal voltage
reference sampling capacitors.
When VREF_SEL = 1, the REFIN+/OUT is internally
buffered to produce a 2.4V buffered reference voltage
at the VREF+ input of the ADC. Section 5.7.2 “Internal
Voltage Reference Buffer” details the architecture of
the voltage reference buffer.
In this mode, the REFIN+/OUT pin becomes an output
and the reference voltage is generated internally.
The structure of the internal voltage reference is based
on a band gap voltage reference source, giving a 1.2V
output directly connected to a low-noise chopper buffer,
configured with a gain of 2x, to give a 2.4V output on
the REFIN+/OUT pad. The internal reference has a
very low typical temperature coefficient of 15 ppm/°C
for extended temperature range and 9 ppm/°C for
industrial temperature range, allowing the ADC output
codes to have the least variation corresponding to the
temperature ranges, since they are proportional to
(1/VREF).
5.7.2
INTERNAL VOLTAGE REFERENCE
BUFFER
When VREF_SEL = 1, the voltage reference buffer is
enabled. It is only powered on when the ADC state is in
Reset or in Conversion mode and is powered off in
Shutdown mode.
The buffer is designed to be able to drive the ADC
reference input that is sampling the reference voltage.
The REFIN- pin is not buffered and is connected
directly to the ADC inverting voltage reference input
(VREF-).
The offset induced by the buffer may slightly vary
between the two possible gain selections, as well as its
temperature dependency and bandwidth; therefore, it
has to be characterized separately. The buffer injects a
certain quantity of 1/f noise into the system that can be
modulated with the incoming input signals and can limit
the SNR performance at higher OSR values
(OSR > 256).
To overcome this limitation, the buffer includes an
auto-zeroing algorithm that cancels out the 1/f noise
and cancels the offset value of the reference buffer. As
a result, the SNR of the system is not affected by this
1/f noise component of the reference buffer, even at
maximum OSR values. This auto-zeroing algorithm is
performed synchronously with the DMCLK and can be
enabled or disabled with the AZ_VREF bit setting in the
CONFIG2 register.
When AZ_VREF = 1 (default), the auto-zeroing is
enabled, which cancels out the 1/f noise and improves
the SNR while not impacting the THD performance.
This mode is recommended for higher OSR values
(OSR
256).
When AZ_VREF = 0, the reference auto-zeroing algo-
rithm is disabled. This setting should be reserved to
lower OSR values, where higher ADC speed is more
important than accuracy.
If the application is susceptible to high-frequency noise,
using AZ_VREF = 0 or a proper low-pass filter at the
VREF output pin (to filter out the chopper frequency
components
from
the
buffered
output)
is
recommended.
5.8
Power-On Reset
The analog and digital power supplies are monitored
separately by two Power-On Reset (POR) monitoring
circuits at all times, except during Full Shutdown mode
(see Section 5.10 “Low-Power Shutdown Modes”).
Each POR circuit has two separate thresholds, one for
the rising voltage supply and one for the falling voltage
supply. They both include hysteresis (the rising thresh-
old is superior), so that the device is tolerant to a certain
degree of transient noise on each power supply.
If any of the two power supply voltages is below its
respective threshold, the POR state is forced internally.
In this state, the SPI interface is disabled, no command
can be executed by the chip. All registers are cleared
and set to their default values.
At power-up, when both power supply voltages are
above the rising thresholds, the MCP3460R powers up
and the SPI interface is enabled and can handle
communications. Since both thresholds need to be
crossed for the power-up, the power-up sequence is
not important and any power supply voltage can ramp
up first. The detection time for the monitoring circuits
(tPOR) is about 1 µs for relatively fast power-up ramp
rates. The normal operation stops when any of the
falling thresholds of the two POR monitoring circuits is
crossed. Figure 5-10 illustrates the power-up and
power-down sequences.
If the CS pin is kept logic-low during a POR state, a
logic-high pulse is necessary to start the first communi-
cation sequence after power-up. The CS rising edge
resets the SPI interface properly and the falling edge
clears the POR interrupt on the IRQ pin (see
Figure 6-16).
The DVDD and AVDD monitoring thresholds are different
since their respective voltage ranges are different. The
AVDD rising threshold is approximately 1.75V ±10% and
the DVDD is 1.2V ±10%. The hysteresis is approximately
150 mV (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com