Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3460RT-E/2LX Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP3460RT-E/2LX
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460RT-E/2LX Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP3460RT-E/2LX Datasheet HTML 71Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 72Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 73Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 74Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 75Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 76Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 77Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 78Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 75
MCP3460R
7.0
BASIC APPLICATION
CONFIGURATION
The MCP3460R device can be used for various
precision
Analog-to-Digital
Converter
(ADC)
applications. The flexibility of its use comes from the
ability to configure the ADC to meet specific application
requirements.
7.1
Typical Application for Absolute
Voltage Measurement
The MCP3460R device is able to measure the signal
provided by sensors with absolute voltage output. For
such applications, MCP3460R typically uses its internal
voltage reference. For optimal performance, Microchip
recommends to connect an external capacitor on the
REFIN+/OUT pin to filter noise and to provide more sta-
bility for the internal voltage reference (See
Section 3.1 “Differential Reference Voltage Inputs:
REFIN+/OUT, REFIN-”).
The ADC can operate in Differential or Single-Ended
mode thanks to its internal dual multiplexer (see
Figure 5-1). Select the input connection settings from
the MUX register (see Section 8.7 “MULTIPLEXER
(MUX) REGISTER”) by using the different settings
available on the positive and negative ADC inputs. To
achieve the single-ended configuration, select AGND
for the VIN- ADC input (MUX[3:0] = 1000) or select any
CHn input channel for VIN- and then connect the
corresponding CHn input channel to AGND.
7.1.1
HIGH-SIDE AND LOW-SIDE
CURRENT SENSING
The ADC can perform differential measurements with an
analog input Common-mode equal to or slightly larger
than AVDD or equal to or slightly lower than AGND (see
Section 1.0 “Electrical Characteristics”).
To achieve the most accurate measurements requires
a differential input structure and a Kelvin connection.
Using an anti-aliasing filter avoids aliasing of the over-
sampling frequency (DMCLK) back into the baseband
of the input signal and possible corruption of the output
data. Figure 7-1 provides an example of an
anti-aliasing filter.
To measure voltages that can reach AVDD or a few mV
higher, use a gain setting of 0.33x since it increases the
input range to a value of 3 x VREF. With this gain setting,
a 1.2V VREF allows a theoretical input range of 3.6V.
However, to limit excess leakage current at the input
pins created by ESD structures, the maximum measur-
able voltage is always bounded by AVDD + 0.1V. There-
fore, to properly measure 3.6V with a 1.2V voltage
reference, Microchip recommends using an AVDD
supply voltage as close as possible to 3.6V.
FIGURE 7-1:
MCP3460R Application Example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com