Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3460RT-E/2LX Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3460RT-E/2LX
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460RT-E/2LX Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3460RT-E/2LX Datasheet HTML 49Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 50Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 51Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 52Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 53Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 54Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 55Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 56Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 53
MCP3460R
5.14
Conversion Modes
The ADC includes several Conversion modes that can
be selected through the CONV_MODE[1:0] bits
located in the CONFIG3 register. The ADC behavior,
with respect to these bits, depends on whether the
ADC is in MUX or Scan mode. Table 5-13 summarizes
the possible configurations.
FIGURE 5-13:
ADC Output and IRQ Behavior with Digital Gain Error Calibration Enabled.
5.14.1
CONVERSION MODES IN MUX
MODE
In MUX mode, the user can choose between one-shot
and continuous conversions.
A one-shot conversion is a single conversion and takes
a certain Conversion Time, TCONV (or 2 x TCONV when
AZ_MUX = 1, see Section 5.1.2 “ADC Offset
Cancellation Algorithm”). Once this conversion is
performed, the MCP3460R automatically returns to a
Standby or ADC Shutdown state, depending on the
CONV_MODE[1:0] bits setting. The Conversion mode
determined by the CONV_MODE[1:0] bits setting also
affects the state of the ADC_MODE[1:0] as described
in Table 5-13.
The conversion can be preceded by a start-up time that
depends on the ADC state (see Section 5.11 “ADC
Start-up Timer”). In One-Shot mode, the ADC data
have to be read completely with the SPI interface for
the interrupt to be cleared on the IRQ pin (the IRQ pin
cannot be automatically cleared like in the Continuous
Conversion mode).
This mode is recommended for low-power and
low-bandwidth applications requiring anA/D conversion.
In Continuous Conversion mode, the ADC is never
placed in Standby or ADC Shutdown mode and con-
verts continuously without any internal reset. In this
mode, the output data rate of the ADC is defined by
DRCLK (see Figure 5-5). The digital decimation filter
induces a pipeline or group delay of TCONV for the first
data ready and is structured to give a continuous
stream of data at the DRCLK rate after these first data
(the internal registers of the filter are never reset in this
mode, thus the decimation filter acts as a moving aver-
age). Each data ready interrupt corresponds to a valid
and complete conversion that was processed through
the digital filter (the digital filter has no latency in this
respect). This mode allows a faster data rate than the
One-Shot mode and is recommended for higher-band-
width applications. The pipeline delay should be care-
fully determined and adapted to the user needs,
especially in closed-loop, low-latency applications.
This mode is recommended for applications requiring
continuous sampling/averaging of the input signals. If
AZ_MUX = 1, the Continuous Conversion mode is
replaced by a series of subsequent One-Shot mode
conversions with a reset in between each conversion.
This makes the group delay equal to 2 x TCONV and the
data rate equal to 1/(2 x TCONV).
Figure 5-14 and Figure 5-15 detail One-Shot and
Continuous Conversion modes for MUX mode.
TABLE 5-13:
ADC CONVERSION MODES IN MUX OR SCAN MODES
CONV_MODE[1:0]
ADC Behavior (MUX Mode)
ADC Behavior
(Scan Mode)
ADC_MODE[1:0] Bits Setting
0x
Performs a one-shot conversion
and automatically returns to ADC
Shutdown mode.
Performs one complete
Scan cycle and
automatically returns to
ADC Shutdown mode.
Returns to ‘0x’ after one
conversion (MUX mode) or one
Scan cycle (Scan mode).
10
Performs a one-shot conversion
and automatically returns to
Standby mode.
Performs one complete
Scan cycle and
automatically returns to
Standby mode.
Returns to ‘10’ after one
conversion (MUX mode) or one
Scan cycle (Scan mode).
11
Performs continuous conversions. Performs continuous Scan
cycles with TIMER[23:0]
delay between each cycle.
Stays at ‘11’.
SPI
Wri te
EN _GAINCAL = 1
IRQ
ADC
STATUS
Data 3 Conversion
DATA1
DATA0
DATA2 x GAINCAL1
Wri te
GAINCAL[2 3 : ] = GAINCAL1
Wri te
GAINCAL[2 3 : ] = GAINCAL2
Data 4 Conversion
DATA3 x GAINCAL2
TGCAL
TGCAL
ADCDATA
Data 2 Conversion
Data 1 Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com