Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3460RT-E/2LX Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3460RT-E/2LX
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460RT-E/2LX Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3460RT-E/2LX Datasheet HTML 6Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 7Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 8Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 9Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 10Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 11Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 12Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 13Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
MCP3460R
DS20006975A page 10
 2025 Microchip Technology Inc. and its subsidiaries
FIGURE 1-1:
Serial Output Timing Diagram.
TABLE 1-2:
DIGITAL I/O DC SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all parameters apply at DVDD = 2.7V to 3.6V,
TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Schmitt Trigger High-Level
Input Voltage
VIH
0.7 x DVDD
——
V
Schmitt Trigger Low-Level
Input Voltage
VIL
——
0.3 x DVDD
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
—
200
—
mV
Low-Level Output Voltage
VOL
——
0.2 x DVDD
VIOL =+1.5mA
High-Level Output Voltage
VOH
0.8 x DVDD
——
V
IOH =-1.5 mA
Input Leakage Current
ILI_D
—
—
1
µA
Pins configured as inputs
or high-impedance outputs
SCK
SDI
SDO
High-Z
Device Latches SDI
on SCK Rising Edge
SPI mode 0,0
SPI mode 1,1
Device Latches SDO
on SCK Falling Edge
tCSD
tHI
tLO
tSCK
tCSH
tCLD
tCLE
tCSS
SPI mode 1,1
tSU
tHD
SPI mode 0,0
tDIS
tDO
tHO
High-Z
High-Z
0
0 (for first two bits on SDO)
tCSSDO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com