Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3460RT-E/2LX Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP3460RT-E/2LX
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460RT-E/2LX Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP3460RT-E/2LX Datasheet HTML 64Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 65Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 66Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 67Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 68Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 69Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 70Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 71Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
MCP3460R
DS20006975A page 68
 2025 Microchip Technology Inc. and its subsidiaries
FIGURE 6-9:
Continuous ADC Read (Data Streaming) with SPI Mode 0,0 and 1,1.
For continuous reading of ADCDATA in SPI Mode 0,0,
once the data have been completely read after a data
ready interrupt, the SDO pin takes the MSb value of the
previous data at the end of the reading (falling edge of
the last SCK clock). If SCK stays Idle at logic low (by
definition of Mode 0,0), the SDO pin will be updated at
the falling edge of the next data ready pulse
(synchronously with the IRQ pin falling edge with an
output timing of tDODR) with the new MSb of the data
corresponding to the data ready pulse. This
mechanism allows the device to continuously read
ADC data outputs seamlessly, even in SPI Mode (0,0).
In SPI Mode (1,1), the SDO pin stays in the last state
(LSb of previous data) after a complete reading, which
also allows seamless Continuous Read mode.
The ADC output data can only be properly read after a
tDODR time, after the data ready interrupt comes on the
IRQ pin. The tDODR timing is shorter than the time
necessary to input a command on the SDI pin, which
ensures proper reading when a new Read command is
triggered by the data ready interrupt. In case of
continuous reading (with CS pin kept logic low), the
tDODR timing must be carefully handled by the MCU,
but in general, the interrupt service time is much longer
than the tDODR timing. Retrieving a data-ready interrupt
by reading the STATUS byte or reading the IRQ
register automatically ensures that the tDODR timing is
respected.
6.5
Securing Read Communications
through CRC-16 Checksum
Since some applications can generate or receive large
EMI/EMC interferences and large transient spikes, it is
helpful to secure SPI communications as much as pos-
sible, to
maintain
data integrity and desired
configurations during the application’s lifetime.
The communication data on the SDO pin can be
secured through the insertion of a Cyclic Redundancy
Check (CRC) checksum at the end of each read
SPI Mode 0,0; ADC Data Format: 32-Bit
Don’t care
SCK
SDI
SDO
CS
DATA0<31>
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
Don’t care
Don’t care
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
Don’t care
SCK
SDI
SDO
CS
Don’t care
SCK
SDI
SDO
CS
IRQ
DATA1<31>
DATA0<31>
The falling edge after Read Start
clears the DR interrupt on IRQ pin
SDO changes synchronously with the IRQ
falling edge (DR interrupt flag)
only when MSB is present on SDO
DR Interrupt
(DATA1 is ready)
The falling edge after Read Start
clears the DR interrupt on IRQ pin
D ATA0<0>
SPI Mode 1,1; ADC Data Format: 32-Bit
IRQ
Read Start
Read Start
Read Start
Read Start
DR Interrupt
(DATA1 is ready)
The falling edge after Read Start
clears the DR interrupt on IRQ pin
The falling edge after Read Start
clears the DR interrupt on IRQ pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com