Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3460RT-E/2LX Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP3460RT-E/2LX
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460RT-E/2LX Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP3460RT-E/2LX Datasheet HTML 58Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 59Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 60Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 61Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 62Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 63Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 64Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 65Page - Microchip Technology MCP3460RT-E/2LX Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
MCP3460R
DS20006975A page 62
 2025 Microchip Technology Inc. and its subsidiaries
FIGURE 6-2:
SPI Communication Start (COMMAND Byte on SDI and STATUS Byte on SDO) when
the Device Address Matches/Does Not Match CMD[7:6].
6.3
Writing to the Device
When the command type is Incremental Write
(CMD[1:0] = 10), the device enters Write mode and
starts writing the first data byte to the address given in
the CMD[5:2] bits.
After the STATUS byte has been transferred, SDO
stays in a High-Impedance state during an Incremental
Write communication. Writing to a read-only address
(such as addresses: 0x0 or 0xF) has no effect and does
not increment the Address Pointer. The user must stop
the communication and restart a communication with a
COMMAND byte pointing to a writable address (0x1
to 0xD).
Each register is effectively written after receiving the
last bit for the register (SCK last rising edge). Any CS
rising edge during a write communication aborts the
current writing. In this case, the register being written
will not be updated and will keep its old value.
The registers may need 8, 16 or 24 bits to be effectively
written, depending on their address (see Table 8-1).
After each register is written, the Address Pointer is
automatically incremented as long as CS stays logic
low. When the Address Pointer reaches 0xD, the next
register to be written is the 0x1 register (see Figure 6-3
for a graphical representation of the address looping).
Internal registers located at addresses 0xB, 0xC and
0xE, should be kept to their default state at all times for
proper operation. These are reserved registers and
should not be modified.
The Incremental Write feature can be used in order to
fully configure the part using a unique communication
which can save time in the application. This unique
communication can end at address 0xD so that the
user can also lock the configuration when written,
providing additional security in the application (see
Section 6.6 “Locking/Unlocking Register Map
Write Access”).
Don’t Care
SCK
SDI
SDO
CS
High-Z
Device Latches SDI on Rising Edge
SPI Mode 0,0
SPI Mode 1,1
0
Device 
Address
Register 
Address
Command
Type
Device 
Address ACK
Interrupts
Status
High-Z
0
Device Address
Matches CMD[7:6]
High-Z
SDO
Device Address
does not Match
CMD[7:6]
Device Latches SDO on Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com