Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 11 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 7Page - STMicroelectronics M65KG256AB Datasheet HTML 8Page - STMicroelectronics M65KG256AB Datasheet HTML 9Page - STMicroelectronics M65KG256AB Datasheet HTML 10Page - STMicroelectronics M65KG256AB Datasheet HTML 11Page - STMicroelectronics M65KG256AB Datasheet HTML 12Page - STMicroelectronics M65KG256AB Datasheet HTML 13Page - STMicroelectronics M65KG256AB Datasheet HTML 14Page - STMicroelectronics M65KG256AB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
M65KG256AB
2 Signal descriptions
11/51
2.13
VDDQ Supply Voltage
VDDQ provides the power supply to the I/O pins and enables all Outputs to be powered
independently of VDD. VDDQ can be tied to VDD or can use a separate supply. It is
recommended to power-up and power-down VDD and VDDQ together to avoid certain conditions
that would result in data corruption.
2.14
VSS Ground
Ground, VSS, is the reference for the core power supply. It must be connected to the system
ground.
2.15
VSSQ Ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS.
Note: Each device in a system should have VDD and VDDQ decoupled with a 0.1µF ceramic
capacitor close to the pin (high frequency, inherently low inductance capacitors should be as
close as possible to the package).
Table 2.
Bank Selection using BA0-BA1
Selected Bank
BA0
BA1
Bank A
VIL
VIL
Bank B
VIH
VIL
Bank C
VIL
VIH
Bank D
VIH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com