Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 12 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 8Page - STMicroelectronics M65KG256AB Datasheet HTML 9Page - STMicroelectronics M65KG256AB Datasheet HTML 10Page - STMicroelectronics M65KG256AB Datasheet HTML 11Page - STMicroelectronics M65KG256AB Datasheet HTML 12Page - STMicroelectronics M65KG256AB Datasheet HTML 13Page - STMicroelectronics M65KG256AB Datasheet HTML 14Page - STMicroelectronics M65KG256AB Datasheet HTML 15Page - STMicroelectronics M65KG256AB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
3 Commands
M65KG256AB
12/51
3
Commands
The M65KG256AB recognizes a set of commands that are obtained by specific statuses of
Chip Enable, E, Column Address Strobe, CAS, Row Address Strobe, RAS, Write Enable, W,
and address inputs. Refer to Table 3: Commands, in conjunction with the text descriptions
below.
Figure 3: Simplified Command State Diagram shows the operations that are performed when
each command is issued at each state of the DDR LPSDRAM.
3.1
Mode Register Set command (MRS)
The Mode Register Set command is used to configure the Burst Length, Burst Type and CAS
Latency of the device by programming the Mode Register.
The command is issued with KE held High, with BA0, BA1 and A10 set to ‘0’, and E, RAS, CAS
and W driven Low, VIL. The value of address inputs A0 to A7 determines the Burst Length,
Burst Type and CAS Latency of the device (see Table 7: Mode Register Definition and
Figure 19: Mode Register/Extended Mode Register Set Commands AC Waveforms):
●
The Burst Length (2, 4, 8, 16 Words) is programmed using the address inputs A2-A0
●
The Burst Type (sequential or interleaved) is programmed using A3.
●
The CAS Latency (3 Clock cycles) is programmed using A6-A4.
It is required to execute a Mode Register Set command at the end of the Power-up sequence.
Once the command has been issued, it is necessary to wait for at least two clock cycles before
issuing another command.
3.2
Extended Mode Register Set command (EMRS)
The Extended Mode Register Set command is used to configure the low-power features of the
device by programming the Extended Mode Register.
The command is issued with KE held High, BA0 at ‘0’, BA1 at ‘1’, A10 at ‘0’, by driving E, RAS,
CAS and W, Low, VIL. The value of address inputs A0 to A9 determines the Driver Strength, the
part of the array that is refreshed during Self Refresh and the Automatic Temperature
Compensated Self Refresh feature (see Table 8: Extended Mode Register Definition and
Figure 19: Mode Register/Extended Mode Register Set Commands AC Waveforms):
●
The part of the array to be refreshed (all banks, Bank A and B, Bank A only) during Self
Refresh is set using A2-A0.
●
The Driver Strength (full, 1/2 strength, 1/4 strength, 1/8 strength) is set using bits A6-A5
●
The Automatic temperature Compensated Self Refresh feature is always enabled (A9 set
to ‘0’).
It is required to execute an Extended Mode Register Set command at the end of the Power-up
sequence. Once the command has been issued, it is necessary to wait for at least two clock
cycles before issuing another command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com