Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 43 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 39Page - STMicroelectronics M65KG256AB Datasheet HTML 40Page - STMicroelectronics M65KG256AB Datasheet HTML 41Page - STMicroelectronics M65KG256AB Datasheet HTML 42Page - STMicroelectronics M65KG256AB Datasheet HTML 43Page - STMicroelectronics M65KG256AB Datasheet HTML 44Page - STMicroelectronics M65KG256AB Datasheet HTML 45Page - STMicroelectronics M65KG256AB Datasheet HTML 46Page - STMicroelectronics M65KG256AB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
M65KG256AB
7 DC and AC parameters
43/51
Figure 22. Write followed by Read in the same Bank and Row (Write Interrupted)
1.
UDQM/LDQM must be input 1 clock cycle prior to the READ command to prevent invalid data from being written. If the
READ command is input on the next cycle after the WRIT command, UDQM/LDQM are not necessary.
2.
If the Read operation is issued to a different row in the same bank, or to an idle row in a different bank, a Precharge
command (PRE) must be issued before the READ command. In this case, the Read operation does not interrupt the Write
operation.
3.
If the Read operation is issued to a different bank, and to an active row, the sequence is identical to the one described in
Note 1
Command
K
K
DI1
UDQS,
LDQS
DQ0-DQ15
WRIT
t0
t1
t2
t3
t4
t5
DI0
ai10839
t6
t7
t8
READ
NOP
Note: 1. Burst Length = 4
2. CAS Latency = 3 (CL)
UDQM,
LDQM
DO0 DO1 DO2
Data Input Masked
Data Output
DI2
DO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com