Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 34 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 30Page - STMicroelectronics M65KG256AB Datasheet HTML 31Page - STMicroelectronics M65KG256AB Datasheet HTML 32Page - STMicroelectronics M65KG256AB Datasheet HTML 33Page - STMicroelectronics M65KG256AB Datasheet HTML 34Page - STMicroelectronics M65KG256AB Datasheet HTML 35Page - STMicroelectronics M65KG256AB Datasheet HTML 36Page - STMicroelectronics M65KG256AB Datasheet HTML 37Page - STMicroelectronics M65KG256AB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
7 DC and AC parameters
M65KG256AB
34/51
Figure 11. Read Operation (Burst Lengths = 2, 4 and 8, CAS Latency = 3)
Figure 12. Burst Terminate During Read Operation
NOP
ACT
NOP
READ
NOP
Command
K
K
Row
Address
Column
Address
A0-A12
BA0-BA1
DO0 DO1
UDQS,
LDQS(1)
DQ0-DQ15(1)
DO0 DO1
UDQS,
LDQS(2)
DQ0-DQ15(2)
DO2 DO3
DO0 DO1
UDQS,
LDQS(2)
DQ0-DQ15(2)
DO2 DO3 DO4 DO5 DO6 DO7
ai10552
Notes: 1. Burst Length = 2
2. Burst Length = 4
3. Burst Length = 8.
4. In all cases, CAS Latency = 3.
tRPRE
tRPST
tAC
tDQSCK
t0
t1
t2
t3
t4
t5
t6
tRCD
Command
K
K
DO1
UDQS,
LDQS
DQ0-DQ15
READ
BST
NOP
t0 t0.5
t1 t1.5
t2
t2.5
t3
t3.5
t4
t4.5
t5
t5.5
tBSTZ
DO0
ai10585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com