Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 24 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 20Page - STMicroelectronics M65KG256AB Datasheet HTML 21Page - STMicroelectronics M65KG256AB Datasheet HTML 22Page - STMicroelectronics M65KG256AB Datasheet HTML 23Page - STMicroelectronics M65KG256AB Datasheet HTML 24Page - STMicroelectronics M65KG256AB Datasheet HTML 25Page - STMicroelectronics M65KG256AB Datasheet HTML 26Page - STMicroelectronics M65KG256AB Datasheet HTML 27Page - STMicroelectronics M65KG256AB Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
5 Registers description
M65KG256AB
24/51
5.2
Extended Mode Register description
The Extended Mode Register is used to program the low-power Self Refresh operation of the
device:
●
Partial Array Self Refresh
●
Driver Strength
●
Automatic Temperature Compensated Self Refresh.
It is loaded by issuing a Extended Mode Register Set command (EMRS) with BA0-BA1 set to
‘01’ to select the Extended Mode Register.
Table 8: Extended Mode Register Definition, shows the available Extended Mode Register
configurations.
Table 8.
Extended Mode Register Definition
Address
Bits
Mode Register
Bit
Description
Value
Description
A12-A10
-
-
000
A9
EMR9
Automatic Temperature
Compensated Self Refresh Bits
0
Enabled
1
Reserved
A8-A7
-
-
00
A6-A5
EMR6-EMR5
Driver Strength Bits
00
Full Strength
01
1/2 Strength
10
1/4 Strength
11
1/8 Strength
A4-A3
-
-
00
A2-A0
EMR2-EMR0
Partial Array Self Refresh Bits
000
All Banks
001
Bank A and Bank B (BA1=0)
010
Bank A (BA0 and BA1 =0)
Other configurations reserved
BA1-BA0
-
-
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com