Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 27 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 23Page - STMicroelectronics M65KG256AB Datasheet HTML 24Page - STMicroelectronics M65KG256AB Datasheet HTML 25Page - STMicroelectronics M65KG256AB Datasheet HTML 26Page - STMicroelectronics M65KG256AB Datasheet HTML 27Page - STMicroelectronics M65KG256AB Datasheet HTML 28Page - STMicroelectronics M65KG256AB Datasheet HTML 29Page - STMicroelectronics M65KG256AB Datasheet HTML 30Page - STMicroelectronics M65KG256AB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
M65KG256AB
7 DC and AC parameters
27/51
Figure 5.
AC Measurement Load Circuit
Table 11.
Capacitance
Table 12.
DC Characteristics 1
Symbol
Parameter
Signal
M65KG256AB
Unit
Min
Max
CI1(1)
1.
TJ = 25°C; VDD and VDDQ = 1.7 to 1.9V; f = 133MHz; VOUT = VDDQ/2; VOUT = 0.2V.
Input Capacitance
K, K
2.0
3.0
pF
CI2(1)
All other input pins
2.0
3.0
pF
CIO
(1)(2)
2.
Data Output are disabled.
Data I/O Capacitance
DQ0-DQ15, UDQS/LDQS, LDQM/UDQM
3.0
4.0
pF
Symbol
Parameter
Test Condition
M65KG256AB
Unit
Min
Typ.
Max
ILI
Input Leakage Current
0V
≤VIN ≤VDDQ
-1.0
1.0
µA
ILO
Output Leakage Current
0V
≤VOUT ≤VDDQ,
DQ0-DQ15
disabled.
-1.5
1.5
µA
VIH
(1)
1. VIH maximum value = 2.6V (pulse width 5ns).
Input High Voltage
VIN = 0V
0.8VDDQ
VDDQ+0.3
V
VIL
(2)
2. VIL minimum value = 1.0V (pulse width 5ns).
Input Low Voltage
VIN = 0V
−0.3
0.3
V
VOL
Output Low Voltage
IOUT = 100µA
0.2
V
VOH
Output High Voltage
IOUT = −100µA
VDDQ-0.2
V
VIN
Input Voltage Level for K/K inputs
-0.3
VDDQ+0.3
VIX
Input Differential Cross Point Voltage
for K / K inputs
0.5VDDQ-0.2 0.5VDDQ 0.5VDDQ+0.2
V
VID
Input Differential Voltage for K/ K
inputs
1.0
VDDQ+0.6
V
AI11353
CL
Output
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com