Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG256AB Datasheet(PDF) 42 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 38Page - STMicroelectronics M65KG256AB Datasheet HTML 39Page - STMicroelectronics M65KG256AB Datasheet HTML 40Page - STMicroelectronics M65KG256AB Datasheet HTML 41Page - STMicroelectronics M65KG256AB Datasheet HTML 42Page - STMicroelectronics M65KG256AB Datasheet HTML 43Page - STMicroelectronics M65KG256AB Datasheet HTML 44Page - STMicroelectronics M65KG256AB Datasheet HTML 45Page - STMicroelectronics M65KG256AB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
7 DC and AC parameters
M65KG256AB
42/51
Figure 21. Write followed by Read (Write Completed)
1.
If the Read operation is performed to the same bank and row than the Write operation, the READ command should be
performed tWRD after the WRIT command to complete the Write operation.
2.
If the Read operation is performed to the same bank but to a different row, the bank must be precharged tWPD after the
Write operation. tRP after the Precharge command, issue the ACT command. The READ command can then be issued
tRCD after the ACT command.
3.
If the Read operation is performed to a different bank and to an active row, the sequence is identical to the one described in
Note 1
4.
If the Read operation is performed to a different bank and to an idle row, the bank must be precharged independently from
the Write operation. tRP after the Precharge command, issue the ACT command. The WRIT command can then be issued
tRCD after the ACT command.
Command
K
K
DI1
UDQS,
LDQS
DQ0-DQ15
WRIT
NOP
t0
t1
t2
t3
t4
t5
tWRDmin (3)
DI0
ai10838
t6
t7
t8
READ
NOP
Note: 1. Burst Length = 4
2. CAS Latency = 3 (CL)
3. tWRD = BL/2 + 2 clock cycles
UDQM,
LDQM
DO0 DO1 DO2
Data Input
Data Output
DI2 DI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com