Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 17Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 18Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 19Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 20Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 21Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 22Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 23Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 489 page
background image
PIC16(L)F18324/18344
DS40001800C-page 20
 2015-2017 Microchip Technology Inc.
2.0
GUIDELINES FOR GETTING
STARTED WITH
PIC16(L)F183XX
MICROCONTROLLERS
2.1
Basic Connection Requirements
Getting started with the PIC16(L)F183XX family of 8-bit
microcontrollers requires attention to a minimal set of
device pin connections before proceeding with
development.
The following pins must always be connected:
•All VDD and VSS pins
(see Section 2.2 “Power Supply Pins”)
•MCLR
pin
(when
configured
for
external
operation)
(see Section 2.3 “Master Clear (MCLR) Pin”)
These pins must also be connected if they are being
used in the end application:
• ICSPCLK/ICSPDAT pins used for In-Circuit Serial
Programming™
(ICSP™)
and
debugging
purposes (see Section 2.4 “ICSP™ Pins”)
• OSC1 and OSC2 pins when an external oscillator
source is used
(see Section 2.5 “External Oscillator Pins”)
Additionally, the following pins may be required:
•VREF+/VREF- pins are used when external voltage
reference for analog modules is implemented
The minimum mandatory connections are shown in
Figure 2-1.
FIGURE 2-1:
RECOMMENDED
MINIMUM CONNECTIONS
2.2
Power Supply Pins
2.2.1
DECOUPLING CAPACITORS
The use of decoupling capacitors on every pair of
power supply pins (VDD and VSS) is required. All VDD
and VSS pins must be connected. None can be left
floating.
Consider the following criteria when using decoupling
capacitors:
• Value and type of capacitor: A 0.1 µF (100 nF),
10-20V capacitor is recommended. The capacitor
should be a low-ESR device, with a resonance
frequency in the range of 200 MHz and higher.
Ceramic capacitors are recommended.
• Placement on the printed circuit board: The
decoupling capacitors should be placed as close
to the pins as possible. It is recommended to
place the capacitors on the same side of the
board as the device. If space is constricted, the
capacitor can be placed on another layer on the
PCB using a via; however, ensure that the trace
length from the pin to the capacitor is no greater
than 0.25 inch (6 mm).
• Handling high-frequency noise: If the board is
experiencing high-frequency noise (upward of
tens of MHz), add a second ceramic type
capacitor in parallel to the above described
decoupling capacitor. The value of the second
capacitor can be in the range of 0.01 µF to
0.001 µF. Place this second capacitor next to
each primary decoupling capacitor. In high-speed
circuit designs, consider implementing a decade
pair of capacitances as close to the power and
ground pins as possible (e.g., 0.1 µF in parallel
with 0.001 µF).
• Maximizing performance: On the board layout
from the power supply circuit, run the power and
return traces to the decoupling capacitors first,
and then to the device pins. This ensures that the
decoupling capacitors are first in the power chain.
Equally important is to keep the trace length
between the capacitor and the power pins to a
minimum,
thereby
reducing
PCB
trace
inductance.
2.2.2
TANK CAPACITORS
On boards with power traces running longer than six
inches in length, it is suggested to use a tank capacitor
for integrated circuits, including microcontrollers, to
supply a local power source. The value of the tank
capacitor should be determined based on the trace
resistance that connects the power supply source to
the device, and the maximum current drawn by the
device in the application. In other words, select the tank
capacitor so that it meets the acceptable voltage sag at
the device. Typical values range from 4.7 µF to 47 µF.
VSS
C1
R1
VDD
MCLR/VPP
R2
C2
Key (all values are recommendations):
C1 and C2: 0.1 F, 20V ceramic
R1: 10 k
R2: 100
to 470
Note1: Only when MCLRE configuration bit is 1 and the
MCLR pin does not have a weak pull-up.
PIC16(L)F1xxx
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com