Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 35Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 37Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 489 page
background image
Bank 8
CPU CORE REGISTERS; see Table 4-2 for specifics
40Ch to
410h
―
―
Unimplemented
―
―
411h
TMR3L
TMR3L<7:0>
xxxx xxxx
uuuu uuuu
412h
TMR3H
TMR3H<7:0>
xxxx xxxx
uuuu uuuu
413h
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
T3SOSC
T3SYNC
―
TMR3ON
0000 00-0
uuuu uu-u
414h
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/
DONE
T3GVAL
T3GSS<1:0>
0000 0x00
uuuu uxuu
415h
TMR4
TMR4<7:0>
0000 0000
0000 0000
416h
PR4
PR4<7:0>
1111 1111
1111 1111
417h
T4CON
―
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
-000 0000
-000 0000
418h
TMR5L
TMR5L<7:0>
xxxx xxxx
uuuu uuuu
419h
TMR5H
TMR5H<7:0>
xxxx xxxx
uuuu uuuu
41Ah
T5CON
TMR5CS<1:0>
T5CKPS<1:0>
T5SOSC
T5SYNC
―
TMR5ON
0000 00-0
uuuu uu-u
41Bh
T5GCON
TMR5GE
T5GPOL
T5GTM
T5GSPM
T5GGO/
DONE
T5GVAL
T5GSS<1:0>
0000 0x00
uuuu uxuu
41Ch
TMR6
TMR6<7:0>
0000 0000
0000 0000
41Dh
PR6
PR6<7:0>
1111 1111
1111 1111
41Eh
T6CON
―
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
-000 0000
-000 0000
41Fh
―
―
Unimplemented
―
―
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com